Part Number Hot Search : 
55520 001547 20001 T24C02 4305H5 LC66358S NJW1194 D3055
Product Description
Full Text Search
 

To Download 2SA608N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SA608N -0.1 a, -40 v pnp plastic encapsulated transistor elektronische bauelemente 26-jan-2011 rev. a page 1 of 1 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? ? base ? ? emitte r collector ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? large current capacity and wide aso. applications ? capable of being used in the low frequency to high frequency range. classification of h fe product-rank 2SA608N-f 2SA608N-g range 160~320 280~560 absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo -60 v collector to emitter voltage v ceo -50 v emitter to base voltage v ebo -6 v collector current - continuous i c -0.15 a collector power dissipation p c 500 mw thermal resistance junction to ambient r ja 250 c / w junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min typ max unit test condition collector to base breakdown voltage v (br)cbo -60 - - v i c = -0.01ma, i e =0 collector to emitter breakdown voltage v (br)ceo -50 - - v i c = -1ma, i b =0 emitter to base br eakdown voltage v (br)ebo -6 - - v i e = -0.01ma, i c =0 collector cut-off current i cbo - - -0.1 a v cb = -40v, i e =0 emitter cut-off current i ebo - - -0.1 a v eb = -5v, i c =0 dc current gain h fe(1) 160 - 560 v ce = -6v, i c = -1ma h fe(2) 70 - - v ce = -6v, i c = -0.1ma collector to emitter saturation voltage v ce(sat) - - -0.3 v i c = -100ma, i b = -10ma v be(sat) - - -1 v i c = -100ma, i b = -10ma transition frequency f t - 200 - mhz v ce = -6v, i c = -10ma collector output capacitance c ob - 4.5 - pf v cb = -6v, i c = 0, f=1mhz to-92 ref. millimete r min. max. a 4.40 4.70 b 4.30 4.70 c 12.70 - d 3.30 3.81 e 0.36 0.56 f 0.36 0.51 g1.27 typ. h1.10 - j 2.42 2.66 k 0.36 0.76 a c e k f d b g h j ? emitte r ? collector ? base


▲Up To Search▲   

 
Price & Availability of 2SA608N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X